PART |
Description |
Maker |
ATMELCORP-ATTINY24A-SSN AT90CAN128-16MN AT32UC3A32 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 32-bit AVR Microcontroller, Audio version, 256KB Flash, 144-pin, SD/SDIO Card 32-bit AVR Microcontroller, 64KB Flash, 100-pin, SD/SDIO Card, AES Crypto Module
|
ATMEL CORP Atmel, Corp.
|
PIC16LF1825-E_SL PIC16LF1825-E_SO PIC16LF1825-E_ST |
14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
S29GL512N S29GL256N90FFI010 S29GL256N90FFIV20 S29G |
MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 32M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22M PIN PLUG 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 80 ns, PDSO56 MirrorBit Flash Family MirrorBit闪存系列 Replaced by PTB48520W : 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22D SKT PLUG
|
Spansion, Inc. Spansion Inc. ETC
|
PIC18F022 |
8-Pin Enhanced FLASH Microcontroller with 10-bit A/D and 4096 x 8 on-chip FLASH Program Memory(8脚增强型闪速微控制器,0位A/D 096 x 8 片上闪速存储器)
|
Microchip Technology Inc.
|
PIC18F248-E/L PIC18F448-E/L PIC18LF248-E/L PIC18LF |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SOIC-28 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDIP40
|
Microchip Technology Maxim Integrated Products, Inc.
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
PIC24FJ32GA102T-I_ML PIC24FJ64GA102T-I_ML PIC24FJ3 |
28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Microchip Technology
|
PIC18LF2620-I/SP PIC18F2620ISO PIC18F4620ISO PIC18 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
PIC18F6310 PIC18F8310 PIC18LF8410I/PTQTP PIC18LF84 |
64/80-Pin Flash Microcontrollers with nanoWatt Technology PIC18F Microcontroller with 8K bytes of Flash and 768 bytes of RAM. The PIC18F8410 features make it ideal for manufacturing equipment, ...
|
Microchip Technology Inc.
|
|